PART |
Description |
Maker |
HUFA76419D3 HUFA76419D3S HUFA76419D3STNL |
20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFETPower MOSFETs 20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
HUF76419D3S HUF76419D3 FN4668 |
20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 20 A, 60 V, 0.043 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA From old datasheet system
|
Intersil, Corp. Intersil Corporation
|
HUF76429D305 HUF76429D3S HUF76429D3 HUF76429D3ST |
20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET PowerMOSFET 20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET㈢ Power MOSFET 20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET? Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
HUFA76429D3ST |
20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET? Power MOSFETs
|
Fairchild Semiconductor
|
STB20PF75 STB20PF75T4 |
P-CHANNEL 75V - 0.10 OHM - 20A DPAK STripFETII POWER MOSFET P-CHANNEL 75V - 0.10 ?- 20A D2PAK STripFET II POWER MOSFET P-CHANNEL 75V - 0.10 з - 20A D?PAK STripFETII POWER MOSFET P通道75V 0.10з - 20A?巴基斯STripFET⑩二功率MOSFET
|
ST Microelectronics STMicroelectronics N.V.
|
RFT3055 RFT3055LE HGTG20N120CND FN4537 |
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET 2.0安培0V的,0.150 Ohm的N通道,逻辑层次,额定静电,功率MOSFET 2.0A/ 60V/ 0.150 Ohm/ N-Channel/ Logic Level/ ESD Rated/ Power MOSFET 63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2.0A 60V 0.150 Ohm N-Channel Logic Level ESD Rated Power MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp. INTERSIL[Intersil Corporation]
|
STF20NF06L STP20NF06L STB20NF06LT4 STB20NF06L |
N-channel 60V - 0.06Ω - 20A - D2PAK/TO-220/TO-220FP STripFET?/a> II Power MOSFET N-channel 60V - 0.06Ω - 20A - D2PAK/TO-220/TO-220FP STripFET II Power MOSFET N-channel 60V - 0.06ヘ - 20A - D2PAK/TO-220/TO-220FP STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
HUF76432P3 FN4673 HUF76432S3S HUF76432S3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 56A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直|6A条(丁)|63AB Dual Differential Drivers And Receivers 16-TSSOP -40 to 85 59 A, 60 V, 0.019 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system
|
Intersil, Corp. Intersil Corporation
|
FDP14AN06LA0 FDP14AN06LA FDB14AN06LA0 |
Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 61A, 0.014 Ohm, TO-220 Package N-Channel PowerTrench MOSFET, 60V, 60A, 0.0146 Ohms @ VGS = 5V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V/ 60A/ 14.6m N-Channel PowerTrench MOSFET 60V, 60A, 14.6mз
|
FAIRCHILD[Fairchild Semiconductor]
|
|